PART |
Description |
Maker |
MIMMF300S060DK2B |
FRED Module RoHS Compliant 600V 300A FRED Module RoHS Compliant
|
Micross Components
|
MIMMF200S060DK |
600V 200A FRED Module RoHS Compliant
|
Micross Components
|
PHMB600A6 NIHONINTERELECTRONICSCORP-PHMB600A6 |
IGBT MODULE Single 600A 600V
|
NIEC[Nihon Inter Electronics Corporation]
|
MIMMF200S120B |
1200V 200A FRED Module RoHS Compliant
|
Micross Components
|
MIMMF200N070DA MIMMF200N070DK |
700V 200A FRED Module RoHS Compliant
|
Micross Components
|
MIMMG150S060B6N |
600V 150A IGBT Module RoHS Compliant
|
Micross Components
|
PHMB600B12 |
IGBT MODULE Single 600A 1200V
|
NIEC[Nihon Inter Electronics Corporation]
|
2MBI600U4G-120 |
IGBT MODULE (U series) 1200V / 600A / 2 in one package
|
Fuji Electric
|
BYP102 C67047-A2071-A2 |
FRED Diode(FRED 二极 李华明二极管(弗雷德二极管) FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics) From old datasheet system FRED-FET Diode
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
GAL16V8 GAL16V8AS-20QC3 GAL16V8AS GAL16V8AS-10EB1 |
E2PROM CMOS PROGRAMMABLE LOGIC DEVICE E2PROM的可编程逻辑器件的CMOS EMI/RFI FILTER IGBT MODULE, TRENCH, 600V, 6 PACK; Transistor type:3-Phase Bridge Inverter; Voltage, Vces:600V; Current, Ic continuous a max:174A; Voltage, Vce sat max:1.9V; Case style:SEMITOP 4; Current, Icm pulsed:400A; Temperature, Tj RoHS Compliant: Yes IGBT MODULE, 6 PACK 600VIGBT MODULE, 6 PACK 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2.2V; Current, Ic continuous a max:24A; Current, Icm pulsed:22A; Power, Pd:1700W; Time, rise:30ns; EPROM CMOS Programmable Logic Device
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
|